| 전자부품 데이터시트 검색엔진 |
|
UT4800G-S08-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT4800G-S08-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT4800 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R105-001.C N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT4800 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. SYMBOL Gate Source Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 12 3 4 56 7 8 UT4800G-S08-R SOP-8 S S S G D D D D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING |
유사한 부품 번호 - UT4800G-S08-R |
|
유사한 설명 - UT4800G-S08-R |