| 전자부품 데이터시트 검색엔진 |
|
PIC16C925-S/CL 데이터시트(PDF) 117 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925-S/CL 데이터시트(HTML) 117 Page - Microchip Technology |
|
117 / 182 page ![]() 2001 Microchip Technology Inc. Preliminary DS39544A-page 115 PIC16C925/926 13.1 Instruction Descriptions ADDLW Add Literal and W Syntax: [ label ] ADDLW k Operands: 0 ≤ k ≤ 255 Operation: (W) + k → (W) Status Affected: C, DC, Z Encoding: 11 111x kkkk kkkk Description: The contents of the W register are added to the eight-bit literal ’k’ and the result is placed in the W register. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read literal ’k’ Process data Write to W Example: ADDLW 0x15 Before Instruction: W= 0x10 After Instruction: W = 0x25 ADDWF Add W and f Syntax: [ label ] ADDWF f [,d] Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) + (f) → (destination) Status Affected: C, DC, Z Encoding: 00 0111 dfff ffff Description: Add the contents of the W register with register ’f’. If ’d’ is 0, the result is stored in the W register. If ’d’ is 1, the result is stored back in register ’f’. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ’f’ Process data Write to destination Example ADDWF FSR, 0 Before Instruction: W = 0x17 FSR = 0xC2 After Instruction: W= 0xD9 FSR = 0xC2 |