| 전자부품 데이터시트 검색엔진 |
|
UT9435L-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT9435L-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT9435 Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R502-155.D P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT9435 is P-Channel Power MOSFET, designed with high density cell with fast switching speed, ultra low on-resistance, and excellent thermal and electrical capabilities. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 1.Gate 3.Source 2.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 7 8 - UT9435G-AB3-R SOT-89 G D S - - - - - Tape Reel UT9435L-TN3-R UT9435G-TN3-R TO-252 G D S - - - - - Tape Reel - UT9435G-S08-R SOP-8 S S S G D D D D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source |
유사한 부품 번호 - UT9435L-TN3-R |
|
유사한 설명 - UT9435L-TN3-R |