전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F870/PQ 데이터시트(PDF) 42 Page - Microchip Technology

부품명 PIC16F870/PQ
상세설명  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/PQ 데이터시트(HTML) 42 Page - Microchip Technology

Back Button PIC16F870/PQ Datasheet HTML 38Page - Microchip Technology PIC16F870/PQ Datasheet HTML 39Page - Microchip Technology PIC16F870/PQ Datasheet HTML 40Page - Microchip Technology PIC16F870/PQ Datasheet HTML 41Page - Microchip Technology PIC16F870/PQ Datasheet HTML 42Page - Microchip Technology PIC16F870/PQ Datasheet HTML 43Page - Microchip Technology PIC16F870/PQ Datasheet HTML 44Page - Microchip Technology PIC16F870/PQ Datasheet HTML 45Page - Microchip Technology PIC16F870/PQ Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
PIC16F870/871
DS30569A-page 42
Preliminary
© 1999 Microchip Technology Inc.
4.5
Reading the FLASH Program Memory
A program memory location may be read by writing two
bytes of the address to the EEADR and EEADRH reg-
isters, setting the EEPGD control bit (EECON1<7>)
and then setting control bit RD (EECON1<0>). Once
the read control bit is set, the microcontroller will use
the next two instruction cycles to read the data. The
data is available in the EEDATA and EEDATH registers
after the second NOP instruction. Therefore, it can be
read as two bytes in the following instructions. The
EEDATA and EEDATH registers will hold this value until
another read operation or until it is written to by the user
(during a write operation).
EXAMPLE 4-3:
FLASH PROGRAM READ
BSF
STATUS, RP1
;
BCF
STATUS, RP0
; Bank 2
MOVLW
ADDRH
;
MOVWF
EEADRH
; MSByte of Program Address to read
MOVLW
ADDRL
;
MOVWF
EEADR
; LSByte of Program Address to read
BSF
STATUS, RP0
; Bank 3
BSF
EECON1, EEPGD
; Point to PROGRAM memory
Required
BSF
EECON1, RD
; EEPROM Read
Sequence
NOP
; memory is read in the next two cycles after BSF EECON1,RD
NOP
;
BCF
STATUS, RP0
; Bank 2
MOVF
EEDATA, W
; W = LSByte of Program EEDATA
MOVF
EEDATH, W
; W = MSByte of Program EEDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More