| 전자부품 데이터시트 검색엔진 |
|
PIC16F870/PQ 데이터시트(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F870/PQ 데이터시트(HTML) 112 Page - Microchip Technology |
|
112 / 156 page ![]() PIC16F870/871 DS30569A-page 112 Preliminary © 1999 Microchip Technology Inc. SUBLW Subtract W from Literal Syntax: [ label ] SUBLW k Operands: 0 ≤ k ≤ 255 Operation: k - (W) → (W) Status Affected: C, DC, Z Description: The W register is subtracted (2’s complement method) from the eight bit literal 'k'. The result is placed in the W register. SUBWF Subtract W from f Syntax: [ label ] SUBWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) - (W) → (destination) Status Affected: C, DC, Z Description: Subtract (2’s complement method) W register from register 'f'. If 'd' is 0, the result is stored in the W regis- ter. If 'd' is 1, the result is stored back in register 'f'. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f<3:0>) → (destination<7:4>), (f<7:4>) → (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register 'f' are exchanged. If 'd' is 0, the result is placed in W regis- ter. If 'd' is 1, the result is placed in register 'f'. XORLW Exclusive OR Literal with W Syntax: [ label] XORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .XOR. k → (W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight bit lit- eral 'k'. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label] XORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .XOR. (f) → (destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register 'f'. If 'd' is 0, the result is stored in the W register. If 'd' is 1, the result is stored back in register 'f'. |