전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2957IS/NOPB 데이터시트(PDF) 20 Page - Texas Instruments

부품명 LP2957IS/NOPB
상세설명  5V Low-Dropout Regulator for 關P Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LP2957IS/NOPB 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LP2957IS/NOPB Datasheet HTML 16Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 17Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 18Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 19Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 20Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 21Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 22Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 23Page - Texas Instruments LP2957IS/NOPB Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2957AISX/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP2957ISX/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24