| 전자부품 데이터시트 검색엔진 |
|
UT2306G-AE2-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2306G-AE2-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2306 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-130.E N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2306 is N-channel power MOSFET, designed with high density cell, with fast switching speed, ultra low on-resistance and excellent thermal and electrical capabilities. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 UT2306G-AE2-R SOT-23-3 S G D Tape Reel UT2306G-AE3-R SOT-23 S G D Tape Reel MARKING |
유사한 부품 번호 - UT2306G-AE2-R |
|
유사한 설명 - UT2306G-AE2-R |