| 전자부품 데이터시트 검색엔진 |
|
TC1264 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1264 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 12 page ![]() © 2002 Microchip Technology Inc. DS21375B-page 1 TC1264 Features • Very Low Dropout Voltage • 800mA Output Current • High Output Voltage Accuracy • Standard or Custom Output Voltages • Over Current and Over Temperature Protection Applications • Battery Operated Systems • Portable Computers • Medical Instruments • Instrumentation • Cellular/GSM/PHS Phones • Linear Post-Regulators for SMPS • Pagers Device Selection Table NOTE: xx indicates output voltages. Available Output Voltages: 1.8, 2.5, 3.0, 3.3. Other output voltages are available. Please contact Microchip Technology Inc. for details. Package Type General Description The TC1264 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1264’s CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 80 µA at full load (20 to 60 times lower than in bipolar regulators). TC1264 key features include ultra low noise operation, very low dropout voltage (typically 450mV at full load), and fast response to step changes in load. The TC1264 incorporates both over temperature and over current protection. The TC1264 is stable with an output capacitor of only 1 µF and has a maximum output current of 800mA. It is available in 3-Pin SOT-223, 3-Pin TO-220 and 3-Pin DDPAK packages. Typical Application Part Number Package Junction Temp. Range TC1264-xxVDB 3-Pin SOT-223 -40°C to +125°C TC1264-xxVAB 3-Pin TO-220 -40°C to +125°C TC1264-xxVEB 3-Pin DDPAK -40°C to +125°C VIN VOUT GND FRONT VIEW FRONT VIEW 1 1 2 3 3 2 TAB IS GND TC1264 TC1264 TC1264 3-Pin TO-220 TAB IS GND 3-Pin SOT-223 3-Pin DDPAK 1 2 3 TC1264 VIN VOUT C1 1 µF GND VOUT VIN 800mA Fixed Output CMOS LDO |
유사한 부품 번호 - TC1264 |
|
유사한 설명 - TC1264 |