전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC14433 데이터시트(PDF) 16 Page - Microchip Technology

부품명 TC14433
상세설명  3-1/2 Digit, Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433 데이터시트(HTML) 16 Page - Microchip Technology

Back Button TC14433 Datasheet HTML 12Page - Microchip Technology TC14433 Datasheet HTML 13Page - Microchip Technology TC14433 Datasheet HTML 14Page - Microchip Technology TC14433 Datasheet HTML 15Page - Microchip Technology TC14433 Datasheet HTML 16Page - Microchip Technology TC14433 Datasheet HTML 17Page - Microchip Technology TC14433 Datasheet HTML 18Page - Microchip Technology TC14433 Datasheet HTML 19Page - Microchip Technology TC14433 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TC14433/A
DS21394B-page 16
© 2002 Microchip Technology Inc.
Package Dimensions (Continued)
8
°
MAX.
24-Pin SOIC (Wide)
.299 (7.59)
.291 (7.40)
.012 (0.30)
.004 (0.10)
.013 (0.33)
.009 (0.23)
.615 (15.62)
.597 (15.16)
.019 (0.48)
.014 (0.36)
.050 (1.27)
.016 (0.40)
.050 (1.27) TYP.
.419 (10.65)
.398 (10.10)
.104 (2.64)
.097 (2.46)
PIN 1
Dimensions: inches (mm)
28-Pin PLCC
Dimensions: inches (mm)
.456 (11.58)
.450 (11.43)
.495 (12.58)
.485 (12.32)
.456 (11.58)
.450 (11.43)
.495 (12.58)
.485 (12.32)
.050 (1.27) TYP.
PIN 1
.430 (10.92)
.390 (9.91)
.021 (0.53)
.013 (0.33)
.032 (0.81)
.026 (0.66)
.180 (4.57)
.165 (4.19)
.120 (3.05)
.090 (2.29)
.020 (0.51) MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20