| 전자부품 데이터시트 검색엔진 |
|
TC14433COG 데이터시트(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC14433COG 데이터시트(HTML) 16 Page - Microchip Technology |
|
16 / 20 page ![]() TC14433/A DS21394B-page 16 © 2002 Microchip Technology Inc. Package Dimensions (Continued) 8 ° MAX. 24-Pin SOIC (Wide) .299 (7.59) .291 (7.40) .012 (0.30) .004 (0.10) .013 (0.33) .009 (0.23) .615 (15.62) .597 (15.16) .019 (0.48) .014 (0.36) .050 (1.27) .016 (0.40) .050 (1.27) TYP. .419 (10.65) .398 (10.10) .104 (2.64) .097 (2.46) PIN 1 Dimensions: inches (mm) 28-Pin PLCC Dimensions: inches (mm) .456 (11.58) .450 (11.43) .495 (12.58) .485 (12.32) .456 (11.58) .450 (11.43) .495 (12.58) .485 (12.32) .050 (1.27) TYP. PIN 1 .430 (10.92) .390 (9.91) .021 (0.53) .013 (0.33) .032 (0.81) .026 (0.66) .180 (4.57) .165 (4.19) .120 (3.05) .090 (2.29) .020 (0.51) MIN. |