전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16C54T-RC/SS 데이터시트(PDF) 68 Page - Microchip Technology

부품명 PIC16C54T-RC/SS
상세설명  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-RC/SS 데이터시트(HTML) 68 Page - Microchip Technology

Back Button PIC16C54T-RC/SS Datasheet HTML 64Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 65Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 66Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 67Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 68Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 69Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 70Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 71Page - Microchip Technology PIC16C54T-RC/SS Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 217 page
background image
PIC16C5X
PIC16C54/55/56/57
DS30453B-page 68
Preliminary
© 1998 Microchip Technology Inc.
TABLE 11-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
(RC, XT & 10) AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
TABLE 11-2:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
(HS, LP & JW) AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16C5X-RC
PIC16C5X-XT
PIC16C5X-10
RC
VDD: 3.0 V to 6.25 V
IDD:
3.3 mA max. at 5. V
IPD:
9
µA max. at 3.0 V, WDT dis
Freq: 4 MHz max.
N/A
N/A
XT
VDD: 3.0V to 6.25V
IDD:
1.8 mA typ. at 5.5V
IPD:
0.6
µA typ. at 3.0V WDT dis
Freq: 4 MHz max.
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
N/A
HS
N/A
N/A
VDD: 4.5V to 5.5V
IDD:
10 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 10 MHz max.
LP
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.
OSC
PIC16C5X-HS
PIC16C5X-LP
PIC16C5X/JW
RC
N/A
N/A
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
XT
N/A
N/A
VDD: 3.0V to 6.25V
IDD:
3.3 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
IDD:
20 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 20 MHz max.
N/A
VDD: 4.5V to 5.5V
IDD:
20 mA max. at 5.5V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 20 MHz max.
LP
VDD: 2.5V to 6.25V
IDD:
15
µA typ. at 3.0V
IPD:
0.6
µA typ. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
32
µA max. at 32 kHz, 3.0V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 40 kHz max.
VDD: 2.5V to 6.25V
IDD:
32
µA max. at 32 kHz, 3.0V
IPD:
9
µA max. at 3.0V, WDT dis
Freq: 40 kHz max.
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com