전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC712-20/P 데이터시트(PDF) 78 Page - Microchip Technology

부품명 PIC16LC712-20/P
상세설명  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-20/P 데이터시트(HTML) 78 Page - Microchip Technology

Back Button PIC16LC712-20/P Datasheet HTML 74Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 75Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 76Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 77Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 78Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 79Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 80Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 81Page - Microchip Technology PIC16LC712-20/P Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
PIC16C712/716
DS41106A-page 78
Preliminary
© 1999 Microchip Technology Inc.
12.2
DC Characteristics:
PIC16LC712/716-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤
+70°C
for commercial
-40°C
≤ TA ≤
+85°C
for industrial
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
VDD
Supply Voltage
2.5
VBOR*
-
-
5.5
5.5
V
V
BOR enabled (Note 7)
D002*
VDR
RAM Data Retention Voltage(1)
-1.5
-
V
D003
VPOR
VDD Start Voltage to ensure inter-
nal Power-on Reset signal
-VSS
-
V
See section on Power-on Reset for details
D004*
D004A*
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
TBD
-
-
-
-
V/ms
PWRT enabled (PWRTE bit clear)
PWRT disabled (PWRTE bit set)
See section on Power-on Reset for details
D005
VBOR
Brown-out Reset
voltage trip point
3.65
-
4.35
V
BODEN bit set
D010
D010A
IDD
Supply Current(2,5)
-
-
2.0
22.5
3.8
48
mA
µA
XT, RC osc modes
FOSC = 4 MHz, VDD = 3.0V (Note 4)
LP osc mode
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
D020
D021
D021A
IPD
Power-down Current(3,5)
-
-
-
7.5
0.9
0.9
30
5
5
µA
µA
µA
VDD = 3.0V, WDT enabled, -40
°C to +85°C
VDD = 3.0V, WDT disabled, 0
°C to +70°C
VDD = 3.0V, WDT disabled, -40
°C to +85°C
D022*
D022A*
∆IWDT
∆IBOR
Module Differential Current(6)
Watchdog Timer
Brown-out Reset
-
-
6.0
TBD
20
200
µA
µA
WDTE bit set, VDD = 4.0V
BODEN bit set, VDD = 5.0V
1A
FOSC
LP Oscillator Operating Frequency
RC Oscillator Operating Frequency
XT Oscillator Operating Frequency
HS Oscillator Operating Frequency
0
0
0
0
—
—
—
—
200
4
4
20
KHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note1:
This is the limit to which VDD can be lowered without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with the
part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4:
For RC osc mode, current through Rext is not included. The current through the resistor can be estimated by the formula Ir
= VDD/2Rext (mA) with Rext in kOhm.
5:
Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from characterization and is
for design guidance only. This is not tested.
6:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the base
IDD or IPD measurement.
7:
This is the voltage where the device enters the Brown-out Reset. When BOR is enabled, the device will operate correctly to
this trip point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com