전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC712-20E/P 데이터시트(PDF) 39 Page - Microchip Technology

부품명 PIC16LC712-20E/P
상세설명  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-20E/P 데이터시트(HTML) 39 Page - Microchip Technology

Back Button PIC16LC712-20E/P Datasheet HTML 35Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 36Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 37Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 38Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 39Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 40Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 41Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 42Page - Microchip Technology PIC16LC712-20E/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
PIC16C712/716
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 39
7.0
CAPTURE/COMPARE/PWM
(CCP) MODULE(S)
Each CCP (Capture/Compare/PWM) module contains
a 16-bit register, which can operate as a 16-bit capture
register, as a 16-bit compare register or as a PWM
master/slave Duty Cycle register. Table 7-1 shows the
timer resources of the CCP module modes.
Capture/Compare/PWM Register 1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON register controls
the operation of CCP1. All are readable and writable.
Additional information on the CCP module is available
in the PICmicro™ Mid-Range Reference Manual,
(DS33023).
TABLE 7-1
CCP MODE - TIMER
RESOURCE
FIGURE 7-1:
CCP1CON REGISTER (ADDRESS 17h)
FIGURE 7-2:
TRISCCP Register (ADDRESS 87h)
CCP Mode
Timer Resource
Capture
Compare
PWM
Timer1
Timer1
Timer2
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1 CCP1M0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-6:
Unimplemented: Read as '0'
bit 5-4: DC1B1:DC1B0: PWM Least Significant bits
Capture Mode: Unused
Compare Mode: Unused
PWM Mode: These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR1L.
bit 3-0: CCP1M3:CCP1M0: CCP1 Mode Select bits
0000
= Capture/Compare/PWM off (resets CCP1 module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit is set)
1001
= Compare mode, clear output on match (CCP1IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set, CCP1 pin is unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set; CCP1 resets TMR1 and starts an A/D
conversion (if A/D module is enabled))
11xx
= PWM mode
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
————
—
TCCP
—
TT1CK
R = Readable bit
W = Writable bit
U = Unimplemented bit, read
as ‘0’
- n =Value at POR reset
bit7
bit0
bit 7-3:
Reserved bits; Do Not Use
bit 2:
TCCP - Tri state control bit for CCP
0 = Output pin driven
1 = Output pin tristated
bit 1:
Reserved bit; Do Not Use
bit 0:
TT1CK - Tri state control bit for T1CKI pin
0 = T1CKI pin is an output
1 = T1CKI pin is an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com