전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC520 데이터시트(PDF) 11 Page - Microchip Technology

부품명 TC520
상세설명  Serial Interface Adapter for TC500 A/D Converter Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC520 데이터시트(HTML) 11 Page - Microchip Technology

Back Button TC520 Datasheet HTML 7Page - Microchip Technology TC520 Datasheet HTML 8Page - Microchip Technology TC520 Datasheet HTML 9Page - Microchip Technology TC520 Datasheet HTML 10Page - Microchip Technology TC520 Datasheet HTML 11Page - Microchip Technology TC520 Datasheet HTML 12Page - Microchip Technology TC520 Datasheet HTML 13Page - Microchip Technology TC520 Datasheet HTML 14Page - Microchip Technology TC520 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21431B-page 11
TC520A
5.3
Package Dimensions
.260 (6.60)
.240 (6.10)
.770 (19.56)
.745 (18.92)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
PIN 1
14-Pin PDIP (Narrow)
.015 (0.38)
.008 (0.20)
3
˚MIN.
.400 (10.16)
.310 (7.87)
Dimensions: inches (mm)
8
°
MAX.
PIN 1
.299 (7.59)
.291 (7.40)
.413 (10.49)
.398 (10.10)
.019 (0.48)
.014 (0.36)
.012 (0.30)
.004 (0.10)
.104 (2.64)
.097 (2.46)
.013 (0.33)
.009 (0.23)
.050 (1.27)
.016 (0.40)
.419 (10.65)
.398 (10.10)
.050 (1.27) TYP.
16-Pin SOIC (Wide)
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16