전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM89516B 데이터시트(PDF) 9 Page - SyncMOS Technologies,Inc

부품명 SM89516B
상세설명  On-chip 768 bytes expanded RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516B 데이터시트(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM89516B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516B Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
SM89516B
8-Bit Micro-controller
64KB Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M087
Ver D SM89516B 08/07/2015
- 9 -
Special Function Register (SFR)
A map of the Special Function Registers is shown as below:
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
F8
FF
F0
B
F7
E8
EF
E0
ACC
E7
D8
P4
DF
D0
PSW
PWMC0
PWMC1
D7
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
CF
C0
TWSIS
TWSIA
TWSIC1
TWSIC2
TWSITXD
TWSIRXD
C7
B8
IP
IP1
SCONF
BF
B0
P3
PWDD0
PWMD1
B7
A8
IE
IE1
IFR
AF
A0
P2
A7
98
SCON
SBUF
P1CON
WDTC
9F
90
P1
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
8F
80
P0
SP
DPL
DPH
RCON
DBANK
PCON
87
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49