전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W94AD6KB 데이터시트(PDF) 19 Page - Winbond

부품명 W94AD6KB
상세설명  Standard Self Refresh Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

W94AD6KB 데이터시트(HTML) 19 Page - Winbond

Back Button W94AD6KB Datasheet HTML 15Page - Winbond W94AD6KB Datasheet HTML 16Page - Winbond W94AD6KB Datasheet HTML 17Page - Winbond W94AD6KB Datasheet HTML 18Page - Winbond W94AD6KB Datasheet HTML 19Page - Winbond W94AD6KB Datasheet HTML 20Page - Winbond W94AD6KB Datasheet HTML 21Page - Winbond W94AD6KB Datasheet HTML 22Page - Winbond W94AD6KB Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
W94AD6KB / W94AD2KB
Publication Release Date: Oct. 02, 2014
Revision: A01-005
- 19 -
7.5.2
Status Register Read Timing Diagram
NOP
CL=3
0
0 1
tRP
tSRR
tSRC
DQ:Reg out
=
Don’t Care
PCHA, or PCH
CK
CK
Command
BA1,BA0
An~A0
DQS
DQ
NOP
NOP
NOP
NOP
MRS
CMD
READ
CMD
Notes:
1. SRR can only be issued after power-up sequence is complete.
2. SRR can only be issued with all banks precharged.
3. SRR CL is unchanged from value in the mode register.
4. SRR BL is fixed at 2.
5. tSRR = 2 (min).
6. tSRC = CL + 1; (min time between read to next valid command)
7. No commands other than NOP and DES are allowed between the SRR and the READ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60