| 전자부품 데이터시트 검색엔진 |
|
TC670 데이터시트(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC670 데이터시트(HTML) 5 Page - Microchip Technology |
|
5 / 12 page ![]() © 2002 Microchip Technology Inc. DS21688B-page 5 TC670 4.0 DETAILED DESCRIPTION The TC670 is an integrated fan speed sensor that predicts/detects fan failure, consequently preventing thermal damage to systems with cooling fans. When the fan speed falls below a user programmed threshold level, the TC670 asserts an ALERT signal. This threshold is set with an external resistor divider network. FIGURE 4-1: TC670 BLOCK DIAGRAM As shown in Figure 4-1, the TC670 senses the fan pulses and internally converts those pulses from a frequency into an analog voltage. This voltage is then compared with a DC voltage present on the THRESH- OLD pin. If the converted frequency-to-voltage value from the fan’s pulses falls below the THRESHOLD voltage, a FAULT signal is asserted through the ALERT pin (active LOW). In a 3.0V system, the external fan alert level on the THRESHOLD pin can be designed from 0.0V (stalled fan) and up to 2.4V (for 13,000 RPM) to cover most of the common fan speeds. This failure detection system works with linear controlled 2-wire fans and eliminates the need for 3-wire fans. The TC670 can work with 3- wire fans as well either by using the SENSE circuit or by directly sensing the RPM output from the 3rd wire. A CLEAR pin is provided to allow the user to reset the ALERT pin status back to a HIGH state. This CLEAR option also allows the flexibility of connecting the ALERT output of the TC670 with other Alert/FAULT interrupts in the system without having a risk of a system shutdown due to false Fan Fault condition. FIGURE 4-2: TYPICAL APPLICATION CIRCUIT 4.1 SENSE Input As shown in Figure 4-2, the SENSE input (Pin 6) is connected through a sensing capacitor (CSENSE). A low value current sensing resistor (RSENSE)is also connected to the low side of the fan to the ground return leg of the fan. During normal fan operation, commuta- tion occurs as each pole of the fan is energized. This causes brief interruptions in the fan current, seen as pulses across the sense resistor. These short rapid changes in fan current cause a corresponding dV/dt voltage across the sense resistor as well as a corresponding dI/dt current across the sense capacitor. The current across CSENSE is termi- nated with the internal 50k Ω input resistance at the SENSE pin of the TC670. When positive going fan pulses at the SENSE input are greater than 124mV (typ) the TC670 latches in those voltage spikes. This 124mV (typ) SENSE input built-in threshold reduces false triggering errors caused by extraneous noise pulses associated with a running fan. The presence and frequency of these pulses is a direct indication of fan operation and fan speed. THRESHOLD 124mV 50k Ω SENSE ALERT CLEAR Logic Frequency to Voltage GND VDD Bandgap Oscillator From Microcontroller 5 6 CSENSE R4 RSENSE +12V ALERT LED DC FAN DC FAN SENSE ALERT 2 4 3 1 VDD =+5V R3 R2 0.1 µF VDD CLEAR THRESHOLD GND Vthreshold V TH RESHO LD V DD R 2 R 2 R 3 + ---------------------- = Note: This typical application circuit uses an LED to indicate that a fan failure has occurred. |