전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7136CLW 데이터시트(PDF) 19 Page - Microchip Technology

부품명 TC7136CLW
상세설명  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136CLW 데이터시트(HTML) 19 Page - Microchip Technology

Back Button TC7136CLW Datasheet HTML 14Page - Microchip Technology TC7136CLW Datasheet HTML 15Page - Microchip Technology TC7136CLW Datasheet HTML 16Page - Microchip Technology TC7136CLW Datasheet HTML 17Page - Microchip Technology TC7136CLW Datasheet HTML 18Page - Microchip Technology TC7136CLW Datasheet HTML 19Page - Microchip Technology TC7136CLW Datasheet HTML 20Page - Microchip Technology TC7136CLW Datasheet HTML 21Page - Microchip Technology TC7136CLW Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 19
TC7136/TC7136A
9.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.557 (14.15)
.537 (13.65)
.398 (10.10)
.390 (9.90)
.031 (0.80) TYP.
.018 (0.45)
.012 (0.30)
.398 (10.10)
.390 (9.90)
.010 (0.25) TYP.
.096 (2.45) MAX.
.557 (14.15)
.537 (13.65)
.083 (2.10)
.075 (1.90)
.041 (1.03)
.026 (0.65)
7
° MAX.
.009 (0.23)
.005 (0.13)
44-Pin PQFP
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22