| 전자부품 데이터시트 검색엔진 |
|
TC911 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC911 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 7 page ![]() 6 TC911A TC911/B © 2001 Microchip Technology Inc. DS21481A Monolithic Auto-Zeroed Operational Amplifers Dimensions: inches (mm) 3 ° MIN. PIN 1 .260 (6.60) .240 (6.10) .045 (1.14) .030 (0.76) .070 (1.78) .040 (1.02) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) .110 (2.79) .090 (2.29) .022 (0.56) .015 (0.38) .040 (1.02) .020 (0.51) .015 (0.38) .008 (0.20) .310 (7.87) .290 (7.37) .400 (10.16) .310 (7.87) PACKAGE DIMENSIONS .050 (1.27) TYP. 8 ° MAX. PIN 1 .244 (6.20) .228 (5.79) .157 (3.99) .150 (3.81) .197 (5.00) .189 (4.80) .020 (0.51) .013 (0.33) .010 (0.25) .004 (0.10) .069 (1.75) .053 (1.35) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) 8-Pin SOIC (Narrow) |