| 전자부품 데이터시트 검색엔진 |
|
TC9401CPD 데이터시트(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC9401CPD 데이터시트(HTML) 17 Page - Microchip Technology |
|
17 / 20 page ![]() © 2002 Microchip Technology Inc. DS21483B-page 17 TC9400/9401/9402 9.3 Package Dimensions (Continued) Dimensions: inches (mm) .260 (6.60) .240 (6.10) .770 (19.56) .745 (18.92) .310 (7.87) .290 (7.37) .040 (1.02) .020 (0.51) .070 (1.78) .045 (1.14) .022 (0.56) .015 (0.38) .110 (2.79) .090 (2.29) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92) PIN 1 14-Pin PDIP (Narrow) .015 (0.38) .008 (0.20) 3 ° MIN. .400 (10.16) .310 (7.87) Dimensions: inches (mm) .344 (8.74) .337 (8.56) .157 (3.99) .150 (3.81) .244 (6.20) .228 (5.79) .069 (1.75) .053 (1.35) .010 (0.25) .004 (0.10) .050 (1.27) TYP. .018 (0.46) .014 (0.36) 8 ° MAX. .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) PIN 1 14-Pin SOIC (Narrow) |