전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9401EJD 데이터시트(PDF) 17 Page - Microchip Technology

부품명 TC9401EJD
상세설명  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401EJD 데이터시트(HTML) 17 Page - Microchip Technology

Back Button TC9401EJD Datasheet HTML 12Page - Microchip Technology TC9401EJD Datasheet HTML 13Page - Microchip Technology TC9401EJD Datasheet HTML 14Page - Microchip Technology TC9401EJD Datasheet HTML 15Page - Microchip Technology TC9401EJD Datasheet HTML 16Page - Microchip Technology TC9401EJD Datasheet HTML 17Page - Microchip Technology TC9401EJD Datasheet HTML 18Page - Microchip Technology TC9401EJD Datasheet HTML 19Page - Microchip Technology TC9401EJD Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 17
TC9400/9401/9402
9.3
Package Dimensions (Continued)
Dimensions: inches (mm)
.260 (6.60)
.240 (6.10)
.770 (19.56)
.745 (18.92)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
PIN 1
14-Pin PDIP (Narrow)
.015 (0.38)
.008 (0.20)
3
° MIN.
.400 (10.16)
.310 (7.87)
Dimensions: inches (mm)
.344 (8.74)
.337 (8.56)
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.004 (0.10)
.050 (1.27) TYP.
.018 (0.46)
.014 (0.36)
8
° MAX.
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
PIN 1
14-Pin SOIC (Narrow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20