| 전자부품 데이터시트 검색엔진 |
|
CF5760 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5760 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 7 page ![]() CF5760 series SEIKO NPC CORPORATION —5 Reset Function (optional seconds control function) When AI/R goes active level for a reset, the motor output stops. When the reset is released, the first motor out- put pulse occurs on the output pin opposite to that which had the last output pulse immediately before the reset. Alarm Output Alarm output waveform F Output Function The AON pin may be replaced by the F pin which is used to output a 32kHz signal (unaffected by the reset function). *1: Opposite phase to AO. fPW = alarm fundamental frequency fCY = alarm modulation frequency O1 (Active High) O2 (Active High) tPW tPW tCY tCY AI/R (Active Low) tCY +0 −125msec tON AO (Active High) AI/R (Active High) AON (Active Low) fPW(Hz ) fCY (Hz ) tON *1 |