| 전자부품 데이터시트 검색엔진 |
|
PIC16LC620-04E/P 데이터시트(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC620-04E/P 데이터시트(HTML) 16 Page - Microchip Technology |
|
16 / 108 page ![]() PIC16C62X DS30235G-page 16 Preliminary © 1998 Microchip Technology Inc. FIGURE 4-6: DATA MEMORY MAP FOR THE PIC16C620A/ CR620A/621A INDF(1) TMR0 PCL STATUS FSR PORTA PORTB PCLATH INTCON PIR1 CMCON INDF(1) OPTION PCL STATUS FSR TRISA TRISB PCLATH INTCON PIE1 PCON VRCON 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch 8Dh 8Eh 8Fh 90h 91h 92h 93h 94h 95h 96h 97h 98h 99h 9Ah 9Bh 9Ch 9Dh 9Eh 9Fh 20h A0h General Purpose Register 7Fh FFh Bank 0 Bank 1 File Address 6Fh 70h Unimplemented data memory locations, read as '0'. Note 1: Not a physical register. File Address Accesses 70h-7Fh F0h FIGURE 4-7: DATA MEMORY MAP FOR THE PIC16C622A INDF(1) TMR0 PCL STATUS FSR PORTA PORTB PCLATH INTCON PIR1 CMCON INDF(1) OPTION PCL STATUS FSR TRISA TRISB PCLATH INTCON PIE1 PCON VRCON 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 0Dh 0Eh 0Fh 10h 11h 12h 13h 14h 15h 16h 17h 18h 19h 1Ah 1Bh 1Ch 1Dh 1Eh 1Fh 80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch 8Dh 8Eh 8Fh 90h 91h 92h 93h 94h 95h 96h 97h 98h 99h 9Ah 9Bh 9Ch 9Dh 9Eh 9Fh 20h A0h General Purpose Register 7Fh FFh Bank 0 Bank 1 File Address BFh C0h Unimplemented data memory locations, read as '0'. Note 1: Not a physical register. File Address General Purpose Register Accesses 70h-7Fh F0h 6Fh 70h |