| 전자부품 데이터시트 검색엔진 |
|
UT3N06G-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT3N06G-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT3N06 Power MOSFET www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R502-366.G N-CHANNEL ENHANCEMENT MODE POWER MOSFET DESCRIPTION The UTC UT3N06 is an N-channel power MOSFET providing very low on-resistance. It has high efficiency and perfect cost-effectiveness. It can be generally applied in the commercial and industrial fields. FEATURES * Simple drive requirement SYMBOL Gate Source Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - UT3N06G-AB3-R SOT-89 G D S Tape Reel - UT3N06G-AE3-R SOT-23 S G D Tape Reel UT3N06L-TM3-T UT3N06G-TM3-T TO-251 G D S Tube UT3N06L-TN3-R UT3N06G-TN3-R TO-252 G D S Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING SOT-89 SOT-23 TO-251 / TO-252 |
유사한 부품 번호 - UT3N06G-TN3-R |
|
유사한 설명 - UT3N06G-TN3-R |