| 전자부품 데이터시트 검색엔진 |
|
PIC16LC71-04E/SS 데이터시트(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LC71-04E/SS 데이터시트(HTML) 80 Page - Microchip Technology |
|
80 / 176 page ![]() PIC16C71X DS30272A-page 80 © 1997 Microchip Technology Inc. RETLW Return with Literal in W Syntax: [ label ] RETLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W); TOS → PC Status Affected: None Encoding: 11 01xx kkkk kkkk Description: The W register is loaded with the eight bit literal 'k'. The program counter is loaded from the top of the stack (the return address). This is a two cycle instruction. Words: 1 Cycles: 2 Q Cycle Activity: Q1 Q2 Q3 Q4 1st Cycle Decode Read literal 'k' NOP Write to W, Pop from the Stack 2nd Cycle NOP NOP NOP NOP Example TABLE CALL TABLE ;W contains table ;offset value • ;W now has table value • • ADDWF PC ;W = offset RETLW k1 ;Begin table RETLW k2 ; • • • RETLW kn ; End of table Before Instruction W = 0x07 After Instruction W = value of k8 RETURN Return from Subroutine Syntax: [ label ] RETURN Operands: None Operation: TOS → PC Status Affected: None Encoding: 00 0000 0000 1000 Description: Return from subroutine. The stack is POPed and the top of the stack (TOS) is loaded into the program counter. This is a two cycle instruction. Words: 1 Cycles: 2 Q Cycle Activity: Q1 Q2 Q3 Q4 1st Cycle Decode NOP NOP Pop from the Stack 2nd Cycle NOP NOP NOP NOP Example RETURN After Interrupt PC = TOS |