전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC71-10/SP 데이터시트(PDF) 156 Page - Microchip Technology

부품명 PIC16LC71-10/SP
상세설명  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10/SP 데이터시트(HTML) 156 Page - Microchip Technology

Back Button PIC16LC71-10/SP Datasheet HTML 152Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 153Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 154Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 155Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 156Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 157Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 158Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 159Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 176 page
background image
PIC16C71X
DS30272A-page 156
© 1997 Microchip Technology Inc.
17.2
18-Lead Plastic Dual In-line (300 mil) (P)
Package Group: Plastic Dual In-Line (PLA)
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
α
0
°
10
°
0
°
10
°
A
–
4.064
–
0.160
A1
0.381
–
0.015
–
A2
3.048
3.810
0.120
0.150
B
0.355
0.559
0.014
0.022
B1
1.524
1.524
Reference
0.060
0.060
Reference
C
0.203
0.381
Typical
0.008
0.015
Typical
D
22.479
23.495
0.885
0.925
D1
20.320
20.320
Reference
0.800
0.800
Reference
E
7.620
8.255
0.300
0.325
E1
6.096
7.112
0.240
0.280
e1
2.489
2.591
Typical
0.098
0.102
Typical
eA
7.620
7.620
Reference
0.300
0.300
Reference
eB
7.874
9.906
0.310
0.390
L
3.048
3.556
0.120
0.140
N
18
18
18
18
S
0.889
–
0.035
–
S1
0.127
–
0.005
–
N
Pin No. 1
Indicator
Area
E1
E
S
D
B1
B
D1
Base
Plane
Seating
Plane
S1
A1 A2 A
L
e1
α
C
eA
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More