전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16LC71-10/SP 데이터시트(PDF) 159 Page - Microchip Technology

부품명 PIC16LC71-10/SP
상세설명  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10/SP 데이터시트(HTML) 159 Page - Microchip Technology

Back Button PIC16LC71-10/SP Datasheet HTML 155Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 156Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 157Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 158Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 159Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 160Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 161Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 162Page - Microchip Technology PIC16LC71-10/SP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 159
PIC16C71X
17.5
Package Marking Information
Legend:
MM...M
XX...X
AA
BB
C
D1
E
Microchip part number information
Customer specific information*
Year code (last 2 digits of calender year)
Week code (week of January 1 is week '01’)
Facility code of the plant at which wafer is manufactured.
C = Chandler, Arizona, U.S.A.
Mask revision number for microcontroller
Assembly code of the plant or country of origin in which
part was assembled.
In the event the full Microchip part number cannot be marked on one
line, it will be carried over to the next line thus limiting the number of
available characters for customer specific information.
Note:
Standard OTP marking consists of Microchip part number, year code, week code,
facility code, mask revision number, and assembly code. For OTP marking beyond
this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
*
MMMMMMMMMMMMM
XXXXXXXXXXXXXXXX
AABBCDE
18-Lead PDIP
18-Lead SOIC
XXXXXXXXXXXX
AABBCDE
XXXXXXXXXXXX
MMMMMMMMMM
MMMMMM
XXXXXXXX
AABBCDE
18-Lead CERDIP Windowed
PIC16C711-04/P
9452CBA
Example
Example
-20/50
9447CBA
PIC16C715
PIC16C71
/JW
945/CBT
Example
S = Tempe, Arizona, U.S.A.
AABBCAE
XXXXXXXX
XXXXXXXX
20-Lead SSOP
9517SBP
20I/SS025
PIC16C710
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More