전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TH02 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 TH02
상세설명  D IGITAL I 2C H UMIDITY AND TEMPERATURE S ENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TH02 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TH02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH02 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TH02
Tel:+86-755-82973805 Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
-
13 -
2.7. Soldering
TH02 devices are shipped, like most ICs, vacuum-packed with an enclosed desiccant to avoid any drift during
storage as well as to prevent any moisture-related issues during solder reflow. Devices should be soldered using
reflow and a “no clean” solder process, as a water or solvent rinse after soldering will affect accuracy. PCB Land
Pattern and Solder Mask Design” for the recommended card reflow profile.
The measured humidity value will generally shift slightly after solder reflow. This shift is accounted for when using
the linearization procedure given above. After soldering, TH02 should be allowed to equilibrate under controlled
RH conditions (room temperature, 45–55%RH) for at least 48 hours to reach rated accuracy. During soldering, it is
recommended that a protective cover of some kind be in place. Kapton®* polyimide tape is recommended as a
protective cover.
Alternatively, TH02s may be ordered with a factory fitted, solder-resistant protective cover which can be left in
place for the lifetime of the product, preventing liquids, dust or other contaminants from coming into contact with the
polymer sensor film. Ordering Guide” for a list of ordering part numbers that include the cover.
Hot air rework is not recommended. Soldering iron touch up is possible if flux is not needed and care is taken to
avoid excessive heating. If rework is required, remove the part by hot air and solder a new part by reflow. Use only
no-clean solder. Do not use solder resin or post-solder solvent cleanse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26