전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE-T1002 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE-T1002
상세설명  50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 700 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T1002 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-T1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Insertion Loss = Dissipative Loss + Coupling Loss.
50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 700 Watts from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz
Rated at 700 Watts PE-T1002
URL: http://www.pasternack.com/2-way-7-16-equal-tapper-700-mhz-2.7-ghz-700watts-pe-t1002-p.aspx
PE-T1002
PE-T1002 REV 1.0
50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile
Networks From 700 MHz to 2.7 GHz Rated at 700 Watts



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com