전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KS0108B 데이터시트(PDF) 6 Page - Hantronix,Inc

부품명 KS0108B
상세설명  64CH SEGMENT DRIVER FOR DOT MATRIX LCD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HANTRONIX [Hantronix,Inc]
홈페이지  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

KS0108B 데이터시트(HTML) 6 Page - Hantronix,Inc

Back Button KS0108B_15 Datasheet HTML 2Page - Hantronix,Inc KS0108B_15 Datasheet HTML 3Page - Hantronix,Inc KS0108B_15 Datasheet HTML 4Page - Hantronix,Inc KS0108B_15 Datasheet HTML 5Page - Hantronix,Inc KS0108B_15 Datasheet HTML 6Page - Hantronix,Inc KS0108B_15 Datasheet HTML 7Page - Hantronix,Inc KS0108B_15 Datasheet HTML 8Page - Hantronix,Inc KS0108B_15 Datasheet HTML 9Page - Hantronix,Inc KS0108B_15 Datasheet HTML 10Page - Hantronix,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
KS0108B
64
CH SEGMENT DRIVER FOR DOT MATRIX LCD
ELECTRICAL CHARACTERISTICS
DC Characteristics(VDD=4.5~5.5V, VSS=0V, VDD-VEE=8~17V, Ta=-30~+85
°C)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Note
Input High Voltage
VIH1
-
0.7VDD
-
VDD
V
*1
VIH2
-
2.0
-
VDD
V
*2
Input Low Voltage
VIL1
-
0
-
0.3VDD
V
*1
VIL2
-
0
-
0.8
V
*2
Output High Voltage
VOH
IOH=-200
µA
2.4
-
-
V
*3
Output Low Voltage
VOL
IOL=1.6mA
-
-
0.4
V
*3
Input Leakage Current
ILKG
VIN=VSS~VDD
-1.0
-
1.0
µA
*4
Three-state(OFF) Input Current
ITSL
VIN=VSS~VDD
-5.0
-
5.0
µA
*5
Driver Input Leakage Current
IDIL
VIN=VEE~VDD
-2.0
-
2.0
µA
*6
Operating Current
IDD1
During Display
-
-
100
µA
*7
IDD2
During Access
Access Cycle=1MHz
-
-
500
µA
*7
On Resistance
RON
VDD-VEE=15V
¡¾
ILOAD=0.1mA
-
-
7.5
K
*8
*1. CL, FRM, M, RSTB, CLK1, CLK2
2. CS1B, CS2B, CS3, E, R/W, RS, DB0~DB7
3. DB0~DB7
4. Excepted DB0~DB7
5. DB0~DB7 at High lmpedance
6. V0L(R), V2L(R), V3L(R), V5L(R)
7. 1/64 duty, FCLK=250KHZ, Frame Frequency=70HZ, Output: No Load
8. VDD~VEE=15.5V
V0L(R)>V2L(R)=VDD-2/7 (VDD-VEE)>V3L(R)=VEE+2/7(VDD-VEE)>V5L(R)
AC Characteristics(V
DD=5V
±10%, V
SS=0V, Ta=-30
°C~+85°C)
(1) Clock Timing
Characteristic
Symbol
Min
Typ
Max
Unit
CLK1, CLK2 Cycle Time
tCY
2.5
-
20
µS
CLK1 LOWLevel Width
tWL1
625
-
-
CLK2 LOWLevel Width
tWL2
625
-
-
CLK1 HIGHLevel Width
tWH1
1875
-
-
ns
CLK2 HIGHLevel Width
tWH2
1875
-
-
CLK1-CLK2 Phase Difference
tD12
625
-
-
CLK2-CLK1 Phase Difference
tD21
625
-
-
CLK1, CLK2 Rise Time
tR
-
-
150
CLK1, CLK2 Fall Time
tF
-
-
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com