| 전자부품 데이터시트 검색엔진 |
|
ES2DG-SMB-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
ES2DG-SMB-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD ES2D Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-237.a SURFACE MOUNT SUPER FAST RECTIFIER DESCRIPTION The UTC ES2D is a surface mount super fast rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. The UTC ES2D is suitable for surface mounted applications. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL SMB (JEDEC DO-214AA) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 ES2DL-SMB-R ES2DG-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode ES2DL-SMB-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) SMB: SMB (3) L: Lead Free, G: Halogen Free (3)Lead Free MARKING Date Code Cathode Band for uni-directional Only UTC ES 2D L: Lead Free G: Halogen Free |
유사한 부품 번호 - ES2DG-SMB-R |
|
유사한 설명 - ES2DG-SMB-R |