| 전자부품 데이터시트 검색엔진 |
|
970-008 데이터시트(PDF) 3 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
970-008 데이터시트(HTML) 3 Page - Glenair, Inc. |
|
3 / 4 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 31 B D © 2013 Glenair, Inc. Series 970 PowerTrip™ CAGE Code 06324 Printed in U.S.A. Series 970 PowerTrip™ Connectors and Accessories Receptacle Connectors 970-008 PC Tail Receptacles 970-008 PRINTED CIRCUIT BOARD PATTERNS Contact Arrangement Component Mounting Side of PCB A B 18-2 2#8 Contacts 2X .185 (4.70) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 2X A B 18-2P Pin Connector 2X .185 (4.70) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 2X A B 18-2S Socket Connector A D C B 18-4 2#8 Contacts, 2 #12 Contacts 2X .185 (4.70) 2X .250 (6.35) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 2X HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 2X A B C D 18-4P Pin Connector 2X .185 (4.70) 2X .250 (6.35) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 2X HOLE TO ACCEPT .096 (2.44) MAX DIA CONTACT 2X A B C D 18-4S Socket Connector A B C 20-3 3#8 Contacts 2X .195 (4.95) .225 (5.72) .113 (2.87) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 3X A B C 20-3P Pin Connector 2X .195 (4.95) .225 (5.72) .113 (2.87) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 3X A B C 20-3S Socket Connector A B C D 20-4 4#8 Contacts 2X .183 (4.65) 2X .183 (4.65) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 4X A B C D 20-4P Pin Connector 2X .183 (4.65) 2X .183 (4.65) HOLE TO ACCEPT .144 (3.66) MAX DIA CONTACT 4X A B C D 20-4S Socket Connector |