| 전자부품 데이터시트 검색엔진 |
|
ML2008CP 데이터시트(PDF) 2 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2008CP 데이터시트(HTML) 2 Page - Micro Linear Corporation |
|
2 / 11 page ![]() ML2008, ML2009 2 PIN CONFIGURATION NAME FUNCTION VSS Negative supply. –5Volts ±10% VCC Positive supply. 5Volts ±10% GND Digital ground. 0Volts. All digital inputs are referenced to this ground. AGND Analog ground. 0Volts. Analog input and output are referenced to this ground. VIN Analog input VOUT Analog output D8 Data bit, ATTEN/ GAIN D7 Data bit, C3 D6 Data bit, C2 D5 Data bit, C1 D4 Data bit, C0 NAME FUNCTION D3 Data bit, F3 D2 Data bit, PDN, F2 ML2008; F2 ML2009 D1 Data bit, F0, F1 ML2008; F1 ML2009 D0 Data bit, F0 ML2009 only WR Write enable. This input latches the data bits into the registers on rising edges of WR. CS Chip select. This input selects the device by only allowing the WR signal to latch in data when CS is low. A0 Address select. This input determines (ML2008 only) which data word is being written into the registers. PIN DESCRIPTION D7 D6 D5 D4 WR D3 D2 D1 GND D8 VCC VOUT VSS AGND VIN NC CS A0 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 TOP VIEW D8 VCC VOUT VSS AGND VIN NC CS D0 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 TOP VIEW VOUT VSS AGND NC NC D4 NC WR D3 D2 910 11 12 13 4 5 6 7 8 32 1 20 19 18 17 16 15 14 TOP VIEW VOUT VSS AGND NC NC 910 11 12 13 4 5 6 7 8 32 1 20 19 18 17 16 15 14 TOP VIEW D4 NC WR D3 D2 D7 D6 D5 D4 WR D3 D2 D1 GND ML2008 18-Pin DIP (P18) ML2009 * 18-Pin DIP (P18) 20-Pin PLCC (Q20) 20-Pin PLCC (Q20) |