| 전자부품 데이터시트 검색엔진 |
|
MGBR10S45CL-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR10S45CL-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR10S45C Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-116.b DUAL MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR10S45C is a dual mos gated barrier rectifiers, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Super low forward voltage drop * High switching speed SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MGBR10S45CL-TA3-T MGBR10S45CG-TA3-T TO-220 A K A Tube MGBR10S45CL-TN3-R MGBR10S45CG-TN3-R TO-252 A K A Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode MARKING TO-220 TO-252 |
유사한 부품 번호 - MGBR10S45CL-TN3-R |
|
유사한 설명 - MGBR10S45CL-TN3-R |