전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AXP221 데이터시트(PDF) 20 Page - List of Unclassifed Manufacturers

부품명 AXP221
상세설명  PMIC Optimized For Multi-Core High-Performance System
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AXP221 데이터시트(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AXP221 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP221 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
AXP221
PMIC Optimized For Multi-Core High-Performance System
PAGE 20
Copyright © 2013 X-Powers Limited. All Rights Reserved.
Datasheet
Revision 1.2
9.1.4.
休眠和唤醒 (SleepandWakeup)
在开机的情况下,如果系统需要进入 Sleep 模式,并将其中某一路或几路电源输出关闭,则可由
REG31[3] 控制,决定是否由以下触发信号触发 wakeup:
■ ACIN插拔(REG40[6:5] 必须设置为 1)
■ VBUS插拔(REG40[3:2] 必须设置为 1)
■ PEK 长按键(REG42[0] 必须设置为 1)
■ PEK下降沿(REG44[5] 必须设置为 1)
■ 电池电量两级低电报警(REG43[1:0] 必须设置为 1)
■ GPIO[1:0] 作为通用输入功能时检测到上升下降沿(REG4C[1:0] 必须设置为 1,同时
REG90[7:6]、REF92[7:6] 也必须设置为 1)
■ 软件唤醒,即往 REG31[5] 写 1。
以上任意触发源都可以让 PMU 将各路输出电源电压恢复到默认状态,同时各路被关闭的电源依次按
照规定的上电时序进行恢复。
如下为 Sleep 和 Wakeup 模式下其控制流程:
将
REG31[3]写 1 打开唤醒
功能,
PMU 记录 此时
REG10H、REG12H、REG13H
的设置
写
REG10H 、 REG12H 、
REG13H 寄存器,关闭相应
电源
Sleep 并等待唤醒源触发
唤醒源?
电源恢复至默认输出电压
值
Y
N
9.1.5.
系统复位功能和输出监控功能(PWROK)
AXP221 的 PWROK 可以作为应用系统的复位信号。在 AXP221 的开机过程中,PWROK 输出低电平,当各



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52