| 전자부품 데이터시트 검색엔진 |
|
AXP223 데이터시트(PDF) 51 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AXP223 데이터시트(HTML) 51 Page - List of Unclassifed Manufacturers |
|
51 / 56 page ![]() AXP223 PMIC Optimized For Multi-Core High-Performance System AXP223 Datasheet Revision 1.1 Copyright © 2013 X-Powers Limited. All Rights Reserved. PAGE 51 10.2.53. REG 43H:IRQ Enable 4 Default Value :03H Bit Description R/W Default Value 7-2 Reserved and unchangeable 1 Battery level reaches the alarm threshold 1 IRQ enable(tips) RW 1 0 Battery level reaches the alarm threshold 2 IRQ enable(shut down) RW 1 10.2.54. REG 44H:IRQ Enable 5 Default Value :00H Bit Description R/W Default Value 7 Timer timeout IRQ enable RW 0 6 PEK rising edge, IRQ enable RW 0 5 PEK falling edge, IRQ enable RW 0 4-2 Reserved and unchangeable 1 GPIO1 input edge trigger, IRQ enable RW 0 0 GPIO0 input edge trigger, IRQ enable RW 0 10.2.55. REG 48H:IRQ Status 1 Bit Description R/W Default Value 7 ACIN over-voltage IRQ status RW 0 6 ACIN connected IRQ status RW 0 5 ACIN removed IRQ status RW 0 4 VBUS over-voltage IRQ status RW 0 3 VBUS connected IRQ status RW 0 2 VBUS removed IRQ status RW 0 1 VBUS is available, but lower than VHOLDIRQ status RW 0 0 Reserved and unchangeable RW 0 10.2.56. REG 49H:IRQ Status 2 Bit Description R/W Default Value 7 Battery connected IRQ status RW 0 6 Battery removed IRQ status RW 0 5 Battery activate mode IRQ status RW 0 4 Exit battery activate mode IRQ status RW 0 3 Be charging IRQ status RW 0 2 Charge finished IRQ status RW 0 1 Battery over-temperature IRQ status RW 0 0 Battery low-temperatureIRQ status RW 0 |