전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC8 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BYC8
상세설명  ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BYC8 데이터시트(HTML) 2 Page - Unisonic Technologies

  BYC8 Datasheet HTML 1Page - Unisonic Technologies BYC8 Datasheet HTML 2Page - Unisonic Technologies BYC8 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYC8
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-025.f
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Repetitive Reverse Voltage
VRRM
600
V
Crest Working Reverse Voltage
VRWM
600
V
Average Forward Current
square-wave pulse;δ =0.5;
TTab ≤109°C
IF(AV)
8
A
Repetitive Peak Forward Current
square-wave pulse; δ =0.5;
tP = 25µs, TTab ≤109°C
IFRM
16
A
Non-Repetitive Peak Forward Current
tP=8.3ms,sine-wave pulse;
TJ =150°C
IFSM
60
A
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220-2
60
K/W
TO-252
110
K/W
Junction to Ambient
SMB
θJA
90 (Note)
K/W
TO-220-2
2.2
K/W
TO-252
2.5
K/W
Junction to Tab
SMB
θJB
18 (Note)
K/W
Note: Mounted on PCB with minimum pad size.
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF =8A, TJ =25°C
2
2.9
V
IF =8A, TJ =150°C
1.4
1.85
V
Forward Voltage
VF
IF =16A, TJ =150°C
1.7
2.3
V
VR=600V
9
150
µA
Reverse Current
IR
VR=500V, TJ=100°C
1.1
3
mA
Recovered Charge
QR
IF =1A, dIF/dt=100A/μs, TJ =25°C
12
nC
IF =1A, VR=30V, dIF/dt=50A/μs, TJ =25°C
30
52
ns
TJ=100°C
32
40
ns
Reverse Recovery Time
tRR
IF=8A,VR=400V,
dIF/dt=500A/μs
TJ=25°C (See Figure1)
19
ns
IF=8A,VR=400V, dIF/dt=50A/μs, TJ=125°C
1.5
5.5
A
Peak Reverse Recovery Current
IRM
IF=8A,VR=400V, dIF/dt=500A/μs, TJ=100°C
9.5
12
A
Forward Recovery Voltage
VFR
IF =10A, dIF/dt=100A/μs(See Figure2)
8
10
V



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com