| 전자부품 데이터시트 검색엔진 |
|
ML6426CS-4 데이터시트(PDF) 11 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6426CS-4 데이터시트(HTML) 11 Page - Micro Linear Corporation |
|
11 / 17 page ![]() ML6426 11 November, 1999 Figure 7. Typical Applications Schematic RINA RINB GNA GNB BINA BINB A/B MUX SYNC IN C 29 C 30 C 31 C 32 C 33 C 34 2 5 6 7 8 9 1 16 13 11 10 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF ROUT GOUT BOUT U3 ML6426-4 C6 1µF C14 0.1µF C13 0.1µF C5 1µF R3 47k Ω RINA RINB GNA GNB BINA BINB A/B MUX SYNC IN C 23 C 24 C 25 C 26 C 27 C 28 2 5 6 7 8 9 1 16 13 11 10 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF ROUT GOUT BOUT U2 ML6426-3 C4 1µF C12 0.1µF HYSYNC IN SW2 C11 0.1µF C3 1µF R2 47k Ω R10 75 Ω 0 1 RINA RINB C 17 C 18 2 5 13 11 10 0.1µF 0.1µF C 19 C 20 6 7 0.1µF 0.1µF C 21 C 22 8 9 1 16 0.1µF 0.1µF ROUT R11 75 Ω R12 75 Ω R13 75 Ω ROUT/YOUT U1 ML6426-1 R1 47k Ω RINA RINB GNA GNB BINA BINB A/B MUX SYNC IN C 35 C 36 C 37 C 38 C 39 C 40 2 5 6 7 8 9 1 16 13 11 10 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF ROUT GOUT BOUT UX ML6426-X C8 1µF C16 0.1µF C15 0.1µF C7 1µF R4 47k Ω BINB/VINB 4TH ORDER FILTER GINA GINB GOUT 4TH ORDER FILTER BINA BINB BOUT 4TH ORDER FILTER SYNC IN A/B MUX C2 1µF C10 0.1µF C9 0.1µF C1 1µF FB2 5V GND GND FB1 C 41 220µF GOUT/UOUT C 42 220µF BOUT/VOUT C 43 220µF 2 3 4 1 3 5 7 2 JP1 SWI 4 6 8 R9 75 Ω BINA/VINA R8 75 Ω GINB/UINB R7 75 Ω GINA/UINA R6 75 Ω RINB/YINB R5 75 Ω RINA/YINA |