| 전자부품 데이터시트 검색엔진 |
|
ML6460CS 데이터시트(PDF) 25 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6460CS 데이터시트(HTML) 25 Page - Micro Linear Corporation |
|
25 / 30 page ![]() ML6460 25 SDATA SCLK START STOP tRISE tFALL tSET/START All Other SDATA Transitions Must Occur While SCLK is Low START: A Falling Edge on the SDATA While SCLK is Held High STOP: A Rising Edge on the SDATA While SCLK is Held High Figure 15. Definition of START & STOP on Serial Data Bus SDATA START SCLK MSB DEVICE ADDRESS FUNCTION ADDRESS MSB A1 A0 A6 A7 0 1 2 7 8 9 10 11 16 17 18 A7 A6 A1 X XA0 SCLK: SCLK: SDATA: SCLK: SCLK: SDATA: SCLK: SDATA; 9th pulse strobes dummy bit for ACK Rising edge enables data transfer Value set to A6, Device Address (MSB-1) Falling edge disables data transfer Rising edge enables data transfer Value set to A7, Device Address MSB Falling edge in prep for first address transfer Falling edge with SCLK Hi means start of sequence SCLK: SCLK: SDATA: SCLK: SCLK: SDATA: 9th pulse strobes dummy bit for ACK Rising edge enables data transfer Value set to D6, Data MSB-1 Falling edge disables data transfer Rising edge enables data transfer Value set to D7, Data MSB Figure 16. Definition of ADDRESS FORMAT on Serial Data Bus |