전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML6510 데이터시트(PDF) 13 Page - Micro Linear Corporation

부품명 ML6510
상세설명  Series Programmable Adaptive Clock Manager (PACMan??
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRO-LINEAR [Micro Linear Corporation]
홈페이지  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6510 데이터시트(HTML) 13 Page - Micro Linear Corporation

Back Button ML6510 Datasheet HTML 9Page - Micro Linear Corporation ML6510 Datasheet HTML 10Page - Micro Linear Corporation ML6510 Datasheet HTML 11Page - Micro Linear Corporation ML6510 Datasheet HTML 12Page - Micro Linear Corporation ML6510 Datasheet HTML 13Page - Micro Linear Corporation ML6510 Datasheet HTML 14Page - Micro Linear Corporation ML6510 Datasheet HTML 15Page - Micro Linear Corporation ML6510 Datasheet HTML 16Page - Micro Linear Corporation ML6510 Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ML6510
TABLE 2: ML6510-130 ROM CODES
SELECTION BITS
INPUT OUTPUT
CONFIGURATION CODE
FREQ
FREQ
CODE DESCRIPTION
ROMMSB
MCLK MDOUT (MHz) (MHz)
CS
CM R1, R0
M
N
DDSK
TEST
0
PECL Input Clock, 1x mode
0
0
0
80-130 80-130
1
1
00
0
0
0
0
1
PECL Input Clock, 0.5x mode
0
0
1
80-160
40-80
1
1
01
5
2
0
0
2
PECL Input Clock, 2x mode
0
1
0
40-65
80-130
1
1
00
2
5
0
0
3
PECL Input Clock, 1x mode
0
1
1
80-130 80-130
1
0
00
0
0
0
0
4
TTL Input Clock, 1x mode
1
0
0
80-130 80-130
0
0
00
0
0
0
0
5
TTL Input Clock, 0.5x mode
1
0
1
80-130
40-65
0
0
01
5
2
0
0
6
TTL Input Clock, 2x mode
1
1
0
40-65
80-130
0
0
00
2
5
0
0
7
TEST mode, TTL Input clock
1
1
1
0-50
0-50
0
—
—
—
—
—
1
TABLE 1: ML6510-80 ROM CODES
SELECTION BITS
INPUT
OUTPUT
CONFIGURATION CODE
FREQ
FREQ
CODE DESCRIPTION
ROMMSB
MCLK MDOUT
(MHz)
(MHz)
CS
CM R1, R0
M
N
TEST
0
PECL Input Clock, 1x mode
0
0
0
40-80
40-80
1
1
01
0
0
0
1
PECL Input Clock, 0.5x mode
0
0
1
40-80
20-40
1
1
10
5
2
0
2
PECL Input Clock, 2x mode
0
1
0
20-40
40-80
1
1
01
2
5
0
3
PECL Input Clock, 1x mode
0
1
1
40-80
40-80
1
0
01
0
0
0
4
TTL Input Clock, 1x mode
1
0
0
40-80
40-80
0
0
01
0
0
0
5
TTL Input Clock, 0.5x mode
1
0
1
40-80
20-40
0
0
10
5
2
0
6
TTL Input Clock, 2x mode
1
1
0
20-40
40-80
0
0
01
2
5
0
7
TEST mode, TTL Input clock
1
1
1
0-50
0-50
0
—
—
—
—
1
Figure 6. AUX Mode Waveform.
MCLK
(Input to ML6510)
MDOUT
(Input to ML6510)
tA1
tA2
tA5
18
02
01
M5
N0
tA3
tA4
M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18