전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203HTZX/NOPB 데이터시트(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ14203HTZX/NOPB
상세설명  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203HTZX/NOPB 데이터시트(HTML) 20 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 28V
VIN = 30V
VIN = 36V
VIN = 42V
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
OFF-time. The switching frequency remains relatively constant with load current and line voltage variations. The
CCM operating frequency can be calculated using Equation 16.
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB ≊ VO × (VIN–VO) / ( 2 × 10 μH × fSW(CCM) × VIN)
(22)
The inductor internal to the module is 10
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P = VO × (VIN- VO) / (10 µH × fSW × VIN)
where
•
VIN is the maximum input voltage and fSW is determined from Equation 16.
(23)
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined. Be aware that the lower peak of ILR must be positive if CCM operation is required.
8.2.3 Application Curve
Figure 47. Efficiency VOUT = 24 V, TA = 25°C
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com