전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS0260CSSC28SUD20 데이터시트(PDF) 27 Page - ON Semiconductor

부품명 AS0260CSSC28SUD20
상세설명  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260CSSC28SUD20 데이터시트(HTML) 27 Page - ON Semiconductor

Back Button AS0260CSSC28SUD20 Datasheet HTML 23Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 24Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 25Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 26Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 27Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 28Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 29Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 30Page - ON Semiconductor AS0260CSSC28SUD20 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
27
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Adaptive PGA (APGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The AS0260 has an embedded shading correction module that can be
programmed to counter the shading effects on each individual R, Gb, Gr, and B color
signal.
In some cases, different illuminants can introduce different color shading response. The
APGA feature on the AS0260 will compensate for the dependency of the lens shading of
the illuminant. The AS0260 will allow for up to three different illuminants to be compen-
sated for.
Color Interpolation and Edge Detection
In the raw data stream fed by the sensor core to the IFP, each pixel is represented by a
10-bit integer, which can be considered proportional to the pixel’s response to a one-
color light stimulus, red, green, or blue, depending on the pixel’s position under the
color filter array. Initial data processing steps, up to and including the defect correction,
preserve the one-color-per-pixel nature of the data stream, but after the defect correc-
tion it must be converted to a three-colors-per-pixel stream appropriate for standard
color processing. The conversion is done by an edge-sensitive color interpolation
module. The module adds the incomplete color information available for each pixel
with information extracted from an appropriate set of neighboring pixels. The algorithm
used to select this set and extract the information seeks the best compromise between
preserving edges and filtering out high-frequency noise in flat field areas. The edge
threshold can be set through variable settings.
Color Correction and Aperture Correction
To achieve good color fidelity of the IFP output, interpolated RGB values of all pixels are
subjected to color correction. The IFP multiplies each vector of three pixel colors by a
3 x 3 color correction matrix. The three components of the resulting color vector are all
sums of three 10-bit numbers. Since such sums can have up to 12 significant bits, the bit
width of the image data stream is widened to 12 bits per color (36 bits per pixel). The
color correction matrix can either be programmed by the user or automatically selected
by the AWB algorithm implemented in the IFP. Color correction should ideally produce
output colors that are independent of the spectral sensitivity and color crosstalk charac-
teristics of the image sensor. The optimal values of the color correction matrix elements
depend on those sensor characteristics and on the spectrum of light incident on the
sensor. The color correction settings can be adjusted using variables.
To increase image sharpness, a programmable 2D aperture correction (sharpening filter)
is applied to color-corrected image data. The gain and threshold for 2D correction can
be defined through variable settings.
One-Time Programmable Memory
the AS0260 contains one-time programmable memory (OTPM), suitable for storing
separate lens shading correction settings, color calibration, external mechanisms,
initialization settings, and module identification, that can be programmed during the
module manufacturing process. Programming the OTPM requires the use of a high
voltage at the VPP pin. during normal operation, the VPP pin should be left floating. The
OTPM can be accessed through the two-wire serial interface. Refer to the AS0260 Devel-
oper Guide for programming procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83