| 전자부품 데이터시트 검색엔진 |
|
CSTCE12M0G55A-R0 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CSTCE12M0G55A-R0 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 3 page ![]() Product Search Data Sheet CSTCE12M0G55A-R0 Appearance & Shape Applications Automotive Usage Powertrain/Safety Other Usage Automotive Packaging Information Packaging Specifications Minimum Order Quantity -R0 180mm Embossed Tape 3000 Features MURATA's frequency adjustment and package technology expertise has enabled the development of the chip CERALOCK(R) with built-in load capacitors. This diverse series owes its development to MURATA's original mass production techniques and high reliability, and has achieved importance in the worldwide automotive market. Features 1. The series has high reliability and is available for a wide temperature range. 2. Oscillation circuits do not require external load capacitors. 3. The series is available in a wide frequency range. 4. The resonators are extremely small and have a low profile. 5. No adjustment is necessary for oscillation circuits. 1 of 3 Atten ti o n 1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.T his datasheet has only typical specifications because there is no space for detailed specifications. T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2015/11/23 |
유사한 부품 번호 - CSTCE12M0G55A-R0 |
|
유사한 설명 - CSTCE12M0G55A-R0 |