전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

62005 데이터시트(PDF) 1 Page - Micropac Industries

부품명 62005
상세설명  GaAlAs LIGHT EMITTING DIODE ?쏱ILL PACK?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROPAC [Micropac Industries]
홈페이지  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62005 데이터시트(HTML) 1 Page - Micropac Industries

  62005 Datasheet HTML 1Page - Micropac Industries 62005 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
6 - 24
62005
GaAlAs LIGHT EMITTING DIODE “PILL PACK”
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
REVISED 02/22/01
Features:
Hermetically sealed
High output, 880nm
Small package
PC board mountable
Spectrally matched to the 61055 series detector
Applications:
Incremental encoding
Reflective sensors
Position sensors
Level sensors
DESCRIPTION
The 62005 is a P-N GaAlAs Infrared Light Emitting Diode in a package designed to be mounted in a double-clad printed circuit
board. It is spectrally and mechanically matched to companion phototransistors and photodarlingtons and is lensed to provide
good light transfer and to minimize crosstalk. Available binned to customer specifications and/or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +150°C
Operating Temperature ......................................................................................................................................-55°C to +125°C
Reverse Voltage( at 25°C case temperature) .............................. ....................................................................................... 2Vdc
Forward Current – Continuous ……………(See note 1) ..................................................................................................100mA
Soldering Temperature (10 Seconds) ................................................................................................................................ 240°C
NOTES:
1.
Derate linearly to 125°C free-air temperature at the rate of 1mA/°C.
Package Dimensions
Schematic Diagram
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
0.024 [.610]
0.016 [.406]
CATHODE
0.135 [3.429]
0.122 [3.098]
0.008 [0.19]
0.088 [2.235]
0.082 [2.083]
0.067 [1.702]
0.063 [1.600]
Ø0.061 [1.549]
Ø0.058 [1.473]
0.092 [2.337]
0.084 [2.134]
0.019 [0.483]
0.009 [0.229]
CERAMIC
LENS
ANODE
R0.010 [R0.25]
K
A


유사한 부품 번호 - 62005

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
6200 ETC1-6200 Datasheet
48Kb / 1P
4700
logo
Schurter Inc.
6200 SCHURTER-6200 Datasheet
488Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
logo
3M Electronics
6200 3M-6200 Datasheet
162Kb / 1P
3M Half Facepiece Reusable Respirator 6200/07025
logo
Schurter Inc.
6200 SCHURTER-6200 Datasheet
370Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
6200 SCHURTER-6200 Datasheet
400Kb / 5P
IEC Appliance Inlet C14 with Fuseholder 1-pole, wired
More results

유사한 설명 - 62005

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189L PANASONIC-LN189L Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
logo
Micropac Industries
62000 MICROPAC-62000 Datasheet
87Kb / 3P
GaAs LIGHT EMITTING DIODE ?쏱ILL PACK?
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com