전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

62074 데이터시트(PDF) 1 Page - Micropac Industries

부품명 62074
상세설명  FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROPAC [Micropac Industries]
홈페이지  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62074 데이터시트(HTML) 1 Page - Micropac Industries

  62074 Datasheet HTML 1Page - Micropac Industries 62074 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 32
62074
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically Sealed
High Radiant Output for Fiber Optic Applications
High Speed
Spectrally Matched to the 61082 Series PIN
Diode
Applications:
Computer Peripheral Link
Tempest Applications
Mobile Communications
Local Area Networks
DESCRIPTION
The 62074 Light Emitting Diodes are designed to interface with multimode fibers from 50/125 to 200/300 microns. These
LED’s convert electrical current into optical power that can be used in fiber optic communication. This series provides high
irradiance and is mounted on a TO-46 header with metal protective cap. Available binned to customer specifications and/or
screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS 25°C FREE AIR TEMPERATURE UNLESS NOTED
Storage Temperature............................................................................................................................................. -55°C to +150°C
Operating Temperature ......................................................................................................................................... -40°C to +125°C
Reverse Voltage( at 25°C case temperature) .........................................................................................................................1Vdc
Forward Current-Continuous................................... ....(See note 1).................................................................................... 100mA
Soldering Temperature (1/16 inch from case for 10 seconds)..........(See note 2) ............................................................... 240°C
Transmission Rate at 100mA IF ....................................................................................................................................... 10Mbits/s
NOTES:
1.
Derate linearly to 125
°C free-air temperature at the rate of 1.0 mA/°C.
2.
RMA flux is recommended.
Package Dimensions
Schematic Diagram
ANODE
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
.220Ø [5.59]
.208Ø [5.28]
.131 [3.33]
.121 [3.07]
0.030 [0.76]
MAX
.185Ø [4.70]
.182Ø [4.62]
3 LEADS
0.019 Ø [0.48]
.016Ø [0.41]
0.500 [12.70]
MIN
CATHODE
Ø0.100 [Ø2.54] NOM
.048 [1.22]
.028 [0.71]
.046 [1.17]
.036 [0.91]
45°
CASE
K
A


유사한 부품 번호 - 62074

제조업체부품명데이터시트상세설명
logo
Micropac Industries
62072 MICROPAC-62072 Datasheet
160Kb / 3P
BI-COLOR HERMETIC LED INDICATORS
logo
Alpha Wire
6207C ALPHAWIRE-6207C Datasheet
125Kb / 4P
Multi-Conductor Cables 24AWG 7PR FOIL SHLD 500 FT SPOOL SLATE
More results

유사한 설명 - 62074

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189L PANASONIC-LN189L Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
GaAlAs Light Emitting Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com