전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4128AMF-3.3/NOPB 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4128AMF-3.3/NOPB
상세설명  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM4128AMF-3.3/NOPB 데이터시트(HTML) 23 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 20Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 21Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 22Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 24Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 25Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 26Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Sep-2014
Addendum-Page 7
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF LM4128, LM4128-Q1 :
• Catalog: LM4128
• Automotive: LM4128-Q1
NOTE: Qualified Version Definitions:
• Catalog - TI's standard catalog product
• Automotive - Q100 devices qualified for high-reliability automotive applications targeting zero defects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33