전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A67L83361 데이터시트(PDF) 2 Page - AMIC Technology

부품명 A67L83361
상세설명  512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMICC [AMIC Technology]
홈페이지  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L83361 데이터시트(HTML) 2 Page - AMIC Technology

  A67L83361 Datasheet HTML 1Page - AMIC Technology A67L83361 Datasheet HTML 2Page - AMIC Technology A67L83361 Datasheet HTML 3Page - AMIC Technology A67L83361 Datasheet HTML 4Page - AMIC Technology A67L83361 Datasheet HTML 5Page - AMIC Technology A67L83361 Datasheet HTML 6Page - AMIC Technology A67L83361 Datasheet HTML 7Page - AMIC Technology A67L83361 Datasheet HTML 8Page - AMIC Technology A67L83361 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
A67L93181/A67L83361
512K X 18, 256K X 36 LVTTL, Flow-through ZeBL
TM SRAM
(September, 2006, Version 1.0)
1
AMIC Technology, Corp.
Features
Fast access time: 6.5/7.5/8.5 ns
(153, 133, 117 MHz)
Zero Bus Latency between READ and WRITE cycles
allows 100% bus utilization
Signal +3.3V
± 5% power supply
Individual Byte Write control capability
Clock enable ( CEN ) pin to enable clock and suspend
operations
Clock-controlled and registered address, data and
control signals
Registered output for pipelined applications
Three separate chip enables allow wide range of options
for CE control, address pipelining
Internally self-timed write cycle
Selectable BURST mode (Linear or Interleaved)
SLEEP mode (ZZ pin) provided
Available in 100 pin LQFP package
Industrial operating temperature range: -25
°C to +85°C
for -I series
All Pb-free (Lead-free) products are RoHS compliant
General Description
The AMIC Zero Bus Latency (ZeBL
TM) SRAM family
employs high-speed, low-power CMOS designs using an
advanced CMOS process.
The A67L93181, A67L83361 SRAMs integrate a 512K X
18, 256K X 36 SRAM core with advanced synchronous
peripheral circuitry and a 2-bit burst counter. These SRAMs
are optimized for 100 percent bus utilization without the
insertion of any wait cycles during Write-Read alternation.
The positive edge triggered single clock input (CLK)
controls
all
synchronous
inputs
passing
through
the
registers. The synchronous inputs include all address, all
data inputs, active low chip enable ( CE), two additional chip
enables for easy depth expansion (CE2, CE2 ), cycle start
input (ADV/ LD ), synchronous clock enable ( CEN ), byte
write enables ( BW1 , BW2 , BW3 , BW4 ) and read/write
(R/
W ).
Asynchronous inputs include the output enable ( OE ), clock
(CLK), SLEEP mode (ZZ, tied LOW if unused) and burst
mode (MODE). Burst Mode can provide either interleaved
or linear operation, burst operation can be initiated by
synchronous address Advance/Load (ADV/LD ) pin in Low
state.
Subsequent
burst
address
can
be
internally
generated by the chip and controlled by the same input pin
ADV/LD in High state.
Write cycles are internally self-time and synchronous with
the rising edge of the clock input and when R/ W is Low.
The feature simplified the write interface. Individual Byte
enables allow individual bytes to be written. BW1 controls
I/Oa pins; BW2 controls I/Ob pins; BW3 controls I/Oc pins;
and BW4 controls I/Od pins. Cycle types can only be
defined when an address is loaded.
The SRAM operates from a +3.3V power supply, and all
inputs and outputs are LVTTL-compatible. The device is
ideally suited for high bandwidth utilization systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com