전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

REF3312 데이터시트(PDF) 24 Page - Texas Instruments

부품명 REF3312
상세설명  REF33xx 3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/째C Drift Voltage Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

REF3312 데이터시트(HTML) 24 Page - Texas Instruments

Back Button REF3312_15 Datasheet HTML 20Page - Texas Instruments REF3312_15 Datasheet HTML 21Page - Texas Instruments REF3312_15 Datasheet HTML 22Page - Texas Instruments REF3312_15 Datasheet HTML 23Page - Texas Instruments REF3312_15 Datasheet HTML 24Page - Texas Instruments REF3312_15 Datasheet HTML 25Page - Texas Instruments REF3312_15 Datasheet HTML 26Page - Texas Instruments REF3312_15 Datasheet HTML 27Page - Texas Instruments REF3312_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF3312AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3312AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3312AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3312AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3318AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3318AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3318AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3318AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3320AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3320AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3320AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3320AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3325AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3325AIDBZT
SOT-23
DBZ
3
250
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
REF3325AIDCKR
SC70
DCK
3
3000
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3325AIDCKT
SC70
DCK
3
250
179.0
8.4
2.4
2.4
1.19
4.0
8.0
Q3
REF3325AIRSER
UQFN
RSE
8
5000
180.0
9.5
1.7
1.7
0.75
4.0
8.0
Q2
REF3330AIDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Oct-2014
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32