전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3902T 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SC3902T
상세설명  Bipolar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC3902T 데이터시트(HTML) 3 Page - ON Semiconductor

  2SC3902T Datasheet HTML 1Page - ON Semiconductor 2SC3902T Datasheet HTML 2Page - ON Semiconductor 2SC3902T Datasheet HTML 3Page - ON Semiconductor 2SC3902T Datasheet HTML 4Page - ON Semiconductor 2SC3902T Datasheet HTML 5Page - ON Semiconductor 2SC3902T Datasheet HTML 6Page - ON Semiconductor 2SC3902T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1507 / 2SC3902
No.2101-3/7
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
f T -- IC
Collector Current, IC -- A
ITR03831
ITR03830
2
0.01
57
73
2
5
7
3
0.1
2
1.0
100
10
2
3
5
7
2
3
5
2
1.0
5
77
32
5
7
3
10
100
10
100
2
2
3
5
7
3
5
7
2SA1507
2SC3902
2SA1507
2SC3902
2SA1507 / 2SC3902
VCE=10V
2SA1507 / 2SC3902
f=1MHz
For PNP, minus sign is omitted.
For PNP, minus sign is omitted.
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
--0.2
--0.6
--0.4
--0.8
--1.0
0.2
0.6
0.4
0.8
1.0
0
10
20
30
40
50
0
ITR03825
ITR03824
--40
--30
--50
--10
--20
0
2SC3902
IB=0mA
2SA1507
--2.5mA
--2.0mA
--3.0mA
--3.5mA
--5.0mA
--4.0mA
--4.5mA
--1.5mA
--1.0mA
--0.5mA
IB=0mA
0.5mA
2.5mA
3.5mA
4.0mA
2.0mA
3.0mA
1.5mA
1.0mA
4.5mA
ITR03829
ITR03828
ITR03826
57
73
25
7
3
23
2
--0.01
--0.1
--1.0
--0.4
0
--0.8
--1.6
--1.2
--1.4
--1.0
--0.6
--0.2
0.4
0
0.8
1.6
1.4
1.0
0.6
0.2
1.2
10
100
7
7
5
3
2
5
5
3
2
10
100
7
7
5
5
3
2
5
3
2
57
73
2
0.01
0.1
57
3
23
2
1.0
--0.6
--0.8
0
--0.4
--0.2
--1.0
--1.2
0.6
0.8
0
0.4
0.2
1.0
1.2
ITR03827
2SA1507
VCE=--5V
2SC3902
VCE=5V
2SA1507
VCE=--5V
2SC3902
VCE=5V
--25
°C
25
°C
Ta=75°C
--25°C
25°C
Ta=75°C



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com