| 전자부품 데이터시트 검색엔진 |
|
JANTXV1N4103C 데이터시트(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
JANTXV1N4103C 데이터시트(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() 6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com 111 • 1N4099UR-1 THRU 1N4135UR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435 • LEADLESS PACKAGE FOR SURFACE MOUNT • LOW CURRENT OPERATION AT 250 µA • METALLURGICALLY BONDED • DOU- 1N4099UR-1 thru 1N4135UR-1 and CDLL4099 thru CDLL4135 MAXIMUM RATINGS Junction and Storage Temperature: -65°C to +175°C DC Power Dissipation: 500mW @ TEC = +125°C Power Derating: 10mW/ °C above TEC = +125°C Forward Derating @ 200 mA: 1.1 Volts maximum ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified. MILLIMETERS INCHES DIM MIN MAX MIN MAX D 1.60 1.70 0.063 0.067 F 0.41 0.55 0.016 0.022 G 3.30 3.70 .130 .146 G1 2.54 REF. .100 REF. S 0.03 MIN. .001 MIN. FIGURE 1 DESIGN DATA CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 °C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 35 °C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/°C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device. CDI NOMINAL ZENER MAXIMUM MAXIMUM REVERSE MAXIMUM TYPE ZENER TEST ZENER LEAKAGE ZENER NUMBER VOLTAGE CURRENT IMPEDANCE CURRENT CURRENT VZ @ lZT lZT ZZT lR @ VR lZM (Note 1) (Note 2) VOLTS µ A OHMS µ A VOLTS mA CDLL4099 6.8 250 200 10 5.17 56 CDLL4100 7.5 250 200 10 5.70 51 CDLL4101 8.2 250 200 1.0 6.24 46 CDLL4102 8.7 250 200 1.0 6.61 44 CDLL4103 9.1 250 200 1.0 6.92 42 CDLL4104 10 250 200 1.0 7.60 38 CDLL4105 11 250 200 .05 8.44 35 CDLL4106 12 250 200 .05 9.12 32 CDLL4107 13 250 200 .05 9.87 29 CDLL4108 14 250 200 .05 10.65 27 CDLL4109 15 250 100 .05 11.40 25 CDLL4110 16 250 100 .05 12.15 24 CDLL4111 17 250 100 .05 12.92 22 CDLL4112 18 250 100 .05 13.67 21 CDLL4113 19 250 150 .05 14.44 20 CDLL4114 20 250 150 .01 15.20 19 CDLL4115 22 250 150 .01 16.72 17 CDLL4116 24 250 150 .01 18.25 16 CDLL4117 25 250 150 .01 19.00 15 CDLL4118 27 250 150 .01 20.46 14 CDLL4119 28 250 200 .01 21.28 14 CDLL4120 30 250 200 .01 22.80 13 CDLL4121 33 250 200 .01 25.08 12 CDLL4122 36 250 200 .01 27.38 11 CDLL4123 39 250 200 .01 29.65 9.8 CDLL4124 43 250 250 .01 32.65 8.9 CDLL4125 47 250 250 .01 35.75 8.1 CDLL4126 51 250 300 .01 38.76 7.5 CDLL4127 56 250 300 .01 42.60 6.7 CDLL4128 60 250 400 .01 45.60 6.4 CDLL4129 62 250 500 .01 47.10 6.1 CDLL4130 68 250 700 .01 51.68 5.6 CDLL4131 75 250 700 .01 57.00 5.1 CDLL4132 82 250 800 .01 62.32 4.6 CDLL4133 87 250 1000 .01 66.12 4.4 CDLL4134 91 250 1200 .01 69.16 4.2 CDLL4135 100 250 1500 .01 76.00 3.8 NOTE 1 The CDI type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Nominal Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25°C + 3°C. A "C" suffix denotes a + 2% tolerance and a "D" suffix denotes a + 1% tolerance. NOTE 2 Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c. current equal to 10% of lZT (25 µ A a.c.). |
유사한 부품 번호 - JANTXV1N4103C |
|
유사한 설명 - JANTXV1N4103C |